Part Number Hot Search : 
C244D CT2A03 TDA9105 BSP320 TM162 TDA9105 C6BTA 85NSR140
Product Description
Full Text Search
 

To Download TSB1184CPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSB1184
Low Vce(sat) PNP Transistor
Pin Assignment: 1. Base 2. Collector 3. Emitter
BVCEO = - 50V Ic = - 3A VCE (SAT), = - 0.3V(typ.) @Ic / Ib = - 2A / - 0.1A
Features
Low VCE (SAT). Excellent DC current gain characteristics
Ordering Information
Part No. TSB1184CP Packing Tape & Reel Package TO-252
Structure
Epitaxial planar type. PNP silicon transistor
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Note: 1. Single pulse, Pw = 2mS DC Pulse TO-252 PD TJ TSTG
Symbol
VCBO VCEO VEBO IC
Limit
- 50V - 50V -6 -3 - 7 (note 1) 1.0 +150 - 55 to +150
Unit
V V V A W
o o
C C
Electrical Characteristics
Ta = 25 oC unless otherwise noted
Parameter Static
Collector-Base Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Transition Frequency Output Capacitance
Conditions
IC = - 50uA, IE = 0 IC = - 1mA, IB = 0 IE = - 50uA, IC = 0 VCB = - 40V, IE = 0 VEB = - 4V, IC = 0 IC / IB = - 2.0A / - 0.2A VCE = - 2V, IC = - 1A VCE = - 5V, IC = - 100mA, f = 100MHz VCB = - 10V, f=1MHz
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) hFE fT Cob
Min
- 50 - 50 -6 ---120 --
Typ
------ 0.3 -80 55
Max
----1 -1 - 0.5 560 ---
Unit
V V V uA uA V MHz pF
Note : pulse test: pulse width <=380uS, duty cycle <=2%
Classification Of hFE
Rank Range Q 120 - 270 R 180 - 390 S 270 - 560
TSB1184
1-1
2003/12 rev. B
Electrical Characteristics Curve
TSB1184
2-2
2003/12 rev. B
TO-252 Mechanical Drawing
J A
E F
DIM A B C D E F G H I J TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.570 6.840 0.259 0.269 9.250 10.400 0.364 0.409 0.550 0.700 0.022 0.028 2.560 2.670 0.101 0.105 2.300 2.390 0.090 0.094 0.490 0.570 0.019 0.022 1.460 1.580 0.057 0.062 0.520 5.340 1.460 0.570 5.550 1.640 0.020 0.210 0.057 0.022 0.219 0.065
I B
G D C H
TSB1184
3-3
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TSB1184CPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X